Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB20NM50FD Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB20NM50FD
Description  N-channel 500 V, 0.22 Ω, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50FD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB20NM50FD_08 Datasheet HTML 3Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 4Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 5Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 6Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 7Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 8Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 9Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 10Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STB20NM50FD - STF20NM50FD - STP20NM50FD
Electrical characteristics
7/16
Figure 8.
Transconductance
Figure 9.
Static drain-source on resistance
Figure 10. Gate charge vs gate-source voltage Figure 11. Capacitance variations
Figure 12. Normalized gate threshold voltage
vs temperature
Figure 13. Normalized on resistance vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com