Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB20NM50FD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB20NM50FD
Description  N-channel 500 V, 0.22 Ω, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50FD Datasheet(HTML) 3 Page - STMicroelectronics

  STB20NM50FD_08 Datasheet HTML 1Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 2Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 3Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 4Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 5Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 6Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 7Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 8Page - STMicroelectronics STB20NM50FD_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB20NM50FD - STF20NM50FD - STP20NM50FD
Electrical ratings
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK
TO-220
TO-220FP
VDS
Drain-source voltage (VGS=0)
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
20
20 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
14
14(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
80
80(1)
A
PTOT
Total dissipation at TC = 25 °C
192
45
W
dv/dt (3)
3.
ISD ≤ 20 A, di/dt ≤ 200 A/µs, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
20
V/ns
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink
(t=1 s;TC=25 °C)
--
2500
V
Tstg
Storage temperature
-65 to 150
°C
Tj
Operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220
D²PAK
TO-220FP
Unit
Rthj-case
Thermal resistance junction-case max
0.65
2.8
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
--
62.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
--
30
--
°C/W
Tl
Maximum lead temperature for
soldering purposes
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
10
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAS, VDD = 35 V)
700
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com