Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3130BMB330 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM3130BMB330
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130BMB330 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM3130BMB330 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Vo
AC
Coupling
Io
DC
Coupling
Typical Performance Characteristics(continued)
9
10. Ripple Rejection vs Frequency
Vo=0.9V,V =2.5V,Vpp=1V
IN
-80
+0
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
Io=500mA
Io=1mA
Io=100mA
-80
+0
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
Io=500mA
Io=1mA
Io=100mA
Vo=1.5V,V =2.5V,Vpp=1V
IN
-80
+0
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
Io=500mA
Io=1mA
Io=100mA
Vo=2.5V,V =3.3V,Vpp=0.3V
IN
11. Load Transient Response
Vo=1.5V,V =3.3V, Io=1mA to 1.0A
IN
Vo=1.5V,V =3.3V, Io=1mA to 3.0A
IN
Vo
AC
Coupling
Io
DC
Coupling
Vo
AC
Coupling
Io
DC
Coupling
Vo=1.5V,V =3.3V, Io=1A to 3.0A
IN
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com