Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3130BMB330 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3130BMB330
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130BMB330 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3130BMB330 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130BMB330 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Key Features
Applications
Low-Dropout Regulator Supports Input
Voltages Down to 1.4V
Output Voltage Available in 0.9V,1.0V, 1.2V,
1.5V, 1.8V, 2.5V,2.8V,2.85V,3.0V,3.3V
Low Dropout Voltage:300mV@ 3A
Stable with a Ceramic Output Capacitor
of 1.0uF or Higher
Low Quiescent Current
Current Limit
Over Temperature Shutdown
Short Circuit Current Protection
Low Temperature Coefficient
Standard TO-263 TO-220 and SOP-8
(Exposed Pad) Packages
DSP, FPGA, and Microprocessor Power
Supplies
1.2V Core Voltage for DSPs
SATA Power Supply
LCD TV/ Monitors
Wireless Devices
Communication Devices
Portable Electronics
Post Regulator for SMPS
ceramic
,
n
n
n
n
n
n
n
n
General Description
The PAM3130 is a 3A CMOS LDO regulator that
features a low quiescent current, ultra low input,
output, and dropout voltages, as well as over
temperature protection. It is available in TO-263 ,
TO-220 and SOP-8(Exposed Pad) packages. The
fixed output voltage of the PAM3130 is set at the
factory and trimmed to
2.0%. The PAM3130 is
stable with a
output capacitor of 1.0uF
or higher.
This family of regulators can provide either a
stand-alone power supply solution or act as a post
regulator for switch mode power supplies. They
are particularly well suited for applications
requiring low input and output voltages.
±
n
n
n
n
n
n
n
n
n
n
n Pb-Free Package
Typical Application
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
1
www.poweranalog.com
08/2007
IN
C
4.7uF
IN
C
2.2uF
O
OUT
VIN
VOUT
GND
PAM3130
IN
C1
4.7uF
C2
2.2uF
OUT
VIN
VOUT
GND
EN
SENSE
PAM3130
PWRGD
R 10K
P
,
Power Analog Microelectronics Inc


Similar Part No. - PAM3130BMB330

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3131 PAM-PAM3131 Datasheet
1Mb / 14P
3A Adjustable Low Voltage Low Dropout CMOS Regulator
PAM3131AMBR PAM-PAM3131AMBR Datasheet
1Mb / 14P
3A Adjustable Low Voltage Low Dropout CMOS Regulator
PAM3131BECR PAM-PAM3131BECR Datasheet
1Mb / 14P
3A Adjustable Low Voltage Low Dropout CMOS Regulator
More results

Similar Description - PAM3130BMB330

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
3A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300_08 Datasheet
271Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Power Analog Micoelectr...
PAM3131 PAM-PAM3131 Datasheet
1Mb / 14P
3A Adjustable Low Voltage Low Dropout CMOS Regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
3A, Low Voltage Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com