Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC2G53 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LVC2G53
Description  2-channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G53 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LVC2G53 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 9Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 10Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 11Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD74LVC2G53
Rev.3.00 Jul 07, 2005 page 8 of 11
Test Circuit (cont.)
OPEN
OPEN
TEST
S1
VTT
VTT
S1
CL
RL
RL
GND
GND
t
/ t
PLH
PHL
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1.8±0.15
2.5±0.2
3.3±0.3
5.0±0.5
INPUTS
VCC (V)
VCC
2
× VCC
2
× VCC
2
× VCC
2
× VCC
VCC / 2
VCC / 2
VCC / 2
VCC / 2
VCC
VCC
VCC
VI
Vref
CL
RL
∆V
VTT
tr / tf
500
Ω
0.15 V
0.15 V
0.3 V
0.3 V
500
Ω
500
Ω
1.0 k
Ω
Load circuit
From Output
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
30 pF
30 pF
50 pF
50 pF
Vref
Vref
Vref
Vref
VI
0 V
t PLH
V
t PHL
OH
VOL
Input
Output
VOH
VOL
Control
Input
Vref
Vref
Vref
VOH – ∆V
VOL + ∆V
Vref
VI
VOH
0 V
VOL
t HZ
t LZ
t ZH
t ZL
Output
(Waveform – A)
Output
(Waveform – B)
Notes: 1. CL includes probe and jig capacitance.
2. Waveform–A is for an output with internal conditions such that the output is low except
when disabled by the output control.
3. Waveform–B is for an output with internal conditions such that the output is high except
when disabled by the output control.
4. All input pulses are supplied by generators having the following characteristics:
PRR
≤ 10MHz, Zo = 50 Ω.
5. The output are measured one at a time with one transition per measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com