Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC2G53 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC2G53
Description  2-channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G53 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC2G53 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G53 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.3.00 Jul 07, 2005 page 1 of 11
HD74LVC2G53
2–channel Analog Multiplexer/Demultiplexer
REJ03D0156–0300
Rev.3.00
Jul.07.2005
Description
The HD74LVC2G53 has 2–channel analog multiplexer/demultiplexer in an 8 pin package. Applications include signal
gating, chopping, modulation, or demodulation (modem), and signal multiplexing for analog to digital and digital to
analog conversion systems. Low voltage and high-speed operation is suitable for the battery powered products (e.g.,
notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
• Operating temperature range: –40 to +85°C
• Control inputs: VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC2G53CPE
SXBG0008KA-A
(TBS-8V)
CP
HD74LVC2G53CLE
WCSP-8 pin
SXBG0008KB-A
(TBS-8AV)
CL
E (3,000 pcs/reel)
Article Indication
E 5 3 Y M
Marking
Year code
Month code
Function Table
Control inputs
INH
A
On channel
H
X
None
L
H
Y1
L
L
Y0
H : High level
L : Low level
X : Immaterial


Similar Part No. - HD74LVC2G53

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC2G00 RENESAS-HD74LVC2G00 Datasheet
63Kb / 8P
Dual 2-Input NAND Gate
HD74LVC2G00CLE RENESAS-HD74LVC2G00CLE Datasheet
63Kb / 8P
Dual 2-Input NAND Gate
HD74LVC2G126 RENESAS-HD74LVC2G126 Datasheet
2Mb / 8P
Dual Bus Buffer with 3-state Output
HD74LVC2G126CLE RENESAS-HD74LVC2G126CLE Datasheet
2Mb / 8P
Dual Bus Buffer with 3-state Output
HD74LVC2G66 RENESAS-HD74LVC2G66 Datasheet
2Mb / 12P
2-channel Analog Switch
More results

Similar Description - HD74LVC2G53

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
2-channel Analog Multiplexer / Demultiplexer
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
2-channel Analog Multiplexer/Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
2-channel Analog Multiplexer / Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com