Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC138 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC138
Description  3-to-8-line Decoder / Demultiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC138 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC138 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74LVC138
Rev.3.00 Jul. 23, 2004 page 4 of 5
Test Circuit
VCC
VCC
A
Input
Pulse Generator
Z
= 50
out
Ω
C =
50 pF
L
450
50
Scope
Ω
Ω
Y to Y
0
7
B
C
G
1
G
2A
G
2B
Output
Note:
1.
CL includes probe and jig capacitance.
Waveforms
Input
10 %
GND
90 %
tr
tf
90 %
10 %
In phase output
VOH
VOL
tPLH
tPHL
Out of
phase output
tPHL
tPLH
VOH
VOL
VIH
Vref
V
2.7 V
1.5 V
IH
Vref
Symbol
VCC = 2.7 V,
3.3±0.3 V
VCC = 5.0±0.5 V
VCC
50%VCC
Vref
Vref
Vref
Vref
Vref
Notes:
1.
tr = 2.5 ns, tf = 2.5 ns
2.
Input waveform : PRR = 10 MHz, duty cycle 50%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com