Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC138 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC138
Description  3-to-8-line Decoder / Demultiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC138 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC138 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC138 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.3.00 Jul. 23, 2004 page 1 of 5
HD74LVC138
3-to-8-line Decoder / Demultiplexer
REJ03D0349–0300Z
(Previous ADE-205-068B (Z))
Rev.3.00
Jul. 23, 2004
Description
The HD74LVC138 has three binary select inputs in a 16 pin package. If the device is enabled these inputs determine
which one of the eight normally high outputs will go low. Two active low and one active high enables are provided to
ease the cascading of decoders. Low voltage and high-speed operation is suitable at the battery drive product (note type
personal computer) and low power consumption extends the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC138FPEL
SOP–16 pin (JEITA)
FP–16DAV
FP
EL (2,000 pcs/reel)
HD74LVC138TELL
TSSOP–16 pin
TTP–16DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
Enable
Select
Outputs
G1
G2A
G2B
CB
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
HX
X
X
HHHH
HH
HH
X
H
X
X
X
X
HHHH
HH
HH
L
X
X
X
X
X
HHHH
HH
HH
HL
L
L
L
L
L
HHH
HH
HH
HL
L
L
L
H
HL
HH
HH
HH
HL
L
L
HL
HHL
H
HH
HH
HL
L
L
HH
HHHL
HH
HH
HL
L
H
L
L
HHHH
L
H
HH
HL
L
H
L
H
HHHH
HL
HH
HL
L
H
HL
HHHH
HH
L
H
HL
L
H
HH
HHHH
HH
HL
H:
High level
L:
Low level
X:
Immaterial


Similar Part No. - HD74LVC138

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
3-to-8-line Decoder / Demultiplexer
More results

Similar Description - HD74LVC138

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
3-to-8-line Decoder/Demultiplexer
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
3-TO-8 LINE DECODER DEMULTIPLEXER
Rev 2
logo
Renesas Technology Corp
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
3-to-8-line Decoder / Demultiplexer
logo
Texas Instruments
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com