Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS390 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS390
Description  Dual Decade Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS390 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS390 Datasheet HTML 1Page - Renesas Technology Corp HD74LS390 Datasheet HTML 2Page - Renesas Technology Corp HD74LS390 Datasheet HTML 3Page - Renesas Technology Corp HD74LS390 Datasheet HTML 4Page - Renesas Technology Corp HD74LS390 Datasheet HTML 5Page - Renesas Technology Corp HD74LS390 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.4.00, May 10, 2006, page 1 of 5
HD74LS390
Dual Decade Counters
REJ03D0485-0400
Rev.4.00
May 10, 2006
This circuit contains eight master-slave flip-flops and additional gating to implement two individual four-bit counters.
The HD74LS390 incorporates dual divide-by-two and divide-by-five counters, which can be used to implement cycle
lengths equal to any whole and / or cumulative multiples of 2 and / or 5 up to divide-by-100. When connected as a bi-
quinary counter, the separate divide-by-two circuit can be used to provide symmetry (a square wave) at the final output
stage.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS390P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS390FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
1A
1Clear
1QA
Output
1B
1QB
1QC
1QD
2A
2Clear
2B
2QA
Output
2QB
2QC
2QD
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
CLR
CLR
1B
1QA
1QB
1QC
1QD
2B
2A
1A
2QA
2QB
2QC
2QD
Outputs
Outputs


Similar Part No. - HD74LS390

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS390 HITACHI-HD74LS390 Datasheet
69Kb / 6P
Dual Decade Counters
HD74LS390 HITACHI-HD74LS390 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS390

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC390 HITACHI-HD74HC390 Datasheet
51Kb / 9P
Dual Decade Counters
HD74HC490 HITACHI-HD74HC490 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
HD74LS390 HITACHI-HD74LS390 Datasheet
69Kb / 6P
Dual Decade Counters
logo
Texas Instruments
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
List of Unclassifed Man...
TC372 ETC-TC372 Datasheet
800Kb / 3P
COUNTERS DECADE HEXADECIMAL
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
Dual 4-Bit Decade Counters
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
DUAL 4-BIT DECADE COUNTERS
logo
Renesas Technology Corp
HD74HC390 RENESAS-HD74HC390 Datasheet
93Kb / 7P
Dual Decade Counters
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN54HC4017 TI1-SN54HC4017 Datasheet
126Kb / 6P
DECADE COUNTERS/DIVIDERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com