Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS247 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS247
Description  BCD-to-Seven-Segment Decoder / Driver (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS247 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS247 Datasheet HTML 1Page - Renesas Technology Corp HD74LS247 Datasheet HTML 2Page - Renesas Technology Corp HD74LS247 Datasheet HTML 3Page - Renesas Technology Corp HD74LS247 Datasheet HTML 4Page - Renesas Technology Corp HD74LS247 Datasheet HTML 5Page - Renesas Technology Corp HD74LS247 Datasheet HTML 6Page - Renesas Technology Corp HD74LS247 Datasheet HTML 7Page - Renesas Technology Corp HD74LS247 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LS247
Rev.3.00, Jul.15.2005, page 4 of 7
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
Operating temperature
Topr
–20
25
75
°C
Output voltage
a to g
VO (off)
15
V
a to g
IO (on)
24
mA
BI / RBO
IOH
-50
µA
Output current
BI / RBO
IOL
3.2
mA
a
5
4
3
2
1
0
6 7 8 9 101112131415
b
d
c
f
e
g
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
BI/RBO
VOH
2.4
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –50
µA
0.4
IOL = 1.6 mA
Output
voltage
BI/RBO
VOL
0.5
V
IOL = 3.2 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
Output
current
a to g
IO (off)
250
µA
VCC = 5.25 V, VIH = 2 V, VIL = 0.8 V,
VO (off) = 15 V
0.4
IO (on) = 12 mA
Output
voltage
a to g
VO (on)
0.5
V
IO (on) = 24 mA
VCC = 5.25 V, VIH = 2 V,
VIL = 0.8 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
Except
BI/RBO
–0.4
BI/RBI
IIL
–1.2
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit
output current
BI/RBO
IOS
–0.3
–2
mA
VCC = 5.25 V
Supply current**
ICC
7
13
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICC is measured with all outputs open and all inputs at 4.5 V.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Input
min.
typ.
max.
Unit
Condition
A
100
Turn-on time
ton
RBI
100
ns
A
100
Turn-off time
toff
RBI
100
ns
CL = 15 pF, RL = 665



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com