Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS247 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS247
Description  BCD-to-Seven-Segment Decoder / Driver (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS247 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS247 Datasheet HTML 1Page - Renesas Technology Corp HD74LS247 Datasheet HTML 2Page - Renesas Technology Corp HD74LS247 Datasheet HTML 3Page - Renesas Technology Corp HD74LS247 Datasheet HTML 4Page - Renesas Technology Corp HD74LS247 Datasheet HTML 5Page - Renesas Technology Corp HD74LS247 Datasheet HTML 6Page - Renesas Technology Corp HD74LS247 Datasheet HTML 7Page - Renesas Technology Corp HD74LS247 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LS247
Rev.3.00, Jul.15.2005, page 5 of 7
Testing Method
Test Circuit
4.5V
a
b
c
d
e
f
g
A
B
C
D
Input
P.G.
Zout = 50
Output
VCC
RBI
LT
BI/RBO
RL
CL
Note:
CL includes probe and jig capacitance.
Testing Table
Inputs
Outputs
Item
RBI
D
C
B
A
a
b
c
d
e
f
g
4.5V
GND
GND
GND
IN
OUT
OUT
OUT
OUT
4.5V
GND
GND
4.5V
IN
OUT
OUT
4.5V
GND
4.5V
4.5V
IN
OUT
OUT
OUT
OUT
OUT
ton
toff
IN
GND
GND
GND
GND
OUT
OUT
OUT
OUT
OUT
OUT
Waveform
toff
ton
VOH
VOL
0 V
3 V
VOH
VOL
ton
toff
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10%
90%
Input
In phase output
Out of phase output
tTLH
tTHL
Note:
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle = 50%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com