Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306N4FCGP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M306N4FCGP
Description  Renesas MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306N4FCGP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M306N4FCGP Datasheet HTML 69Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 70Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 71Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 72Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 73Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 74Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 75Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 76Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Rev.2.40
Aug 25, 2006
page 73 of 88
REJ03B0003-0240
M16C/6N Group (M16C/6N4)
5. Electric Characteristics (Normal-ver.)
Under development
This document is under development and its contents are subject to change.
Table 5.51 Electrical Characteristics
(1)
VCC-0.5
VCC-0.5
VCC-0.5
0.2
0.2
50
2.0
2.5
1.6
0
0
100
3.0
25
HIGH output
voltage
HIGH output
voltage
HIGH output
voltage
LOW output
voltage
LOW output
voltage
LOW output
voltage
Hysteresis
Hysteresis
HIGH input
current
LOW input
current
Pull-up
resistance
Feedback resistance
Feedback resistance
RAM retention voltage
VOH
VOH
VOL
VOL
VT+-VT-
VT+-VT-
IIH
IIL
RPULLUP
RfXIN
RfXCIN
VRAM
IOH = –1 mA
IOH = –0.1 mA
IOH = –50 µA
With no load applied
With no load applied
IOL = 1 mA
IOL = 0.1 mA
IOL = 50 µA
With no load applied
With no load applied
VI = 3.3 V
VI = 0 V
VI = 0 V
At stop mode
V
V
V
V
V
V
V
V
µA
µA
k
Ω
M
Ω
M
Ω
V
Measuring Condition
Standard
Min.
Unit
VCC
VCC
VCC
0.5
0.5
0.5
0.8
1.8
4.0
–4.0
500
Parameter
Symbol
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0,
P9_2 to P9_7, P10_0 to P10_7
XOUT
HIGHPOWER
LOWPOWER
XCOUT
HIGHPOWER
LOWPOWER
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
XOUT
HIGHPOWER
LOWPOWER
XCOUT
HIGHPOWER
LOWPOWER
_________
_______
HOLD, RDY, TA0IN to TA4IN, TB0IN to TB5IN,
________
________ _______ _____________ _________
_________
INT0 to INT5, NMI, ADTRG, CTS0 to CTS2,
SCL0 to SCL2, SDA0 to SDA2, CLK0 to CLK3,
_____
_____
TA0OUT to TA4OUT, KI0 to KI3,
RXD0 to RXD2, SIN3
_____________
RESET
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
____________
XIN, RESET, CNVSS, BYTE
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
____________
XIN, RESET, CNVSS, BYTE
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0, P7_2 to P7_7, P8_0 to
P8_4, P8_6, P8_7, P9_0, P9_2 to P9_7,
P10_0 to P10_7
XIN
XCIN
Typ.
Max.
NOTES:
1. Referenced to VCC = 3.0 to 3.6 V, VSS = 0 V at Topr = –40 to 85°C, f(BCLK) = 24 MHz unless otherwise specified.
VCC = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com