Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306N4FCGP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M306N4FCGP
Description  Renesas MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306N4FCGP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M306N4FCGP Datasheet HTML 5Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 6Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 7Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 8Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 9Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 10Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 11Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 12Page - Renesas Technology Corp M306N4FCGP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Rev.2.40
Aug 25, 2006
page 9 of 88
REJ03B0003-0240
M16C/6N Group (M16C/6N4)
1. Overview
Under development
This document is under development and its contents are subject to change.
1.6 Pin Functions
Tables 1.5 to 1.7 list the Pin Functions.
Table 1.5 Pin Functions (1)
I
I
I
I
I
I/O
I/O
O
I/O
I/O
O
O
O
I
O
I
VCC1, VCC2,
VSS
AVCC, AVSS
_____________
RESET
CNVSS
BYTE
D0 to D7
D8 to D15
A0 to A19
A0/D0 to A7/D7
A1/D0 to A8/D7
_______
_______
CS0 to CS3
_________ ______
WRL/WR
_________ ________
WRH/BHE
______
RD
ALE
__________
HOLD
__________
HLDA
________
RDY
Power supply
input
Analog power
supply input
Reset input
CNVSS
External data
bus width
select input
Bus control
pins
Apply 4.2 to 5.5 V (T/V-ver.), 3.0 to 5.5 V (Normal-ver.) to the VCC1
and VCC2 pins and 0 V to the VSS pin. The VCC apply condition is
that VCC2 = VCC1
(1).
Applies the power supply for the A/D converter. Connect the AVCC
pin to VCC1. Connect the AVSS pin to VSS.
The MCU is in a reset state when applying “L” to the this pin.
Switches processor mode. Connect this pin to VSS to when after
a reset to start up in single-chip mode. Connect this pin to VCC1
to start up in microprocessor mode.
Switches the data bus in external memory space. The data bus
is 16-bit long when the this pin is held “L” and 8-bit long when
the this pin is held “H”. Set it to either one. Connect this pin to
VSS when single-chip mode.
Inputs and outputs data (D0 to D7) when these pins are set as
the separate bus.
Inputs and outputs data (D8 to D15) when external 16-bit data
bus is set as the separate bus.
Output address bits (A0 to A19).
Input and output data (D0 to D7) and output address bits (A0 to
A7) by time-sharing when external 8-bit data bus are set as the
multiplexed bus.
Input and output data (D0 to D7) and output address bits (A1 to
A8) by time-sharing when external 16-bit data bus are set as the
multiplexed bus.
_______
_______
_______
_______
Output CS0 to CS3 signals. CS0 to CS3 are chip-select signals
to specify an external space.
________
_________
______
________
_____
________
_________
Output WRL, WRH, (WR, BHE), RD signals. WRL and WRH or
________
______
BHE, and WR can be switched by program.
________
_________
_____
• WRL, WRH, and RD are selected
________
The WRL signal becomes “L” by writing data to an even address
in an external memory space.
_________
The WRH signal becomes “L” by writing data to an odd address
in an external memory space.
_____
The RD pin signal becomes “L” by reading data in an external
memory space.
______
________
_____
• WR, BHE, and RD are selected
______
The WR signal becomes “L” by writing data in an external
memory space.
_____
The RD signal becomes “L” by reading data in an external
memory space.
________
The BHE signal becomes “L” by accessing an odd address.
______
________
_____
Select WR, BHE, and RD for an external 8-bit data bus.
ALE is a signal to latch the address.
__________
While the HOLD pin is held “L”, the MCU is placed in a hold
state.
__________
In a hold state, HLDA outputs a “L” signal.
________
While applying a “L” signal to the RDY pin, the MCU is placed in
a wait state.
Signal Name
Pin Name
I/O Type
Description
I: Input
O: Output
I/O: Input/Output
NOTE:
1. In this manual, hereafter, VCC refers to VCC1 unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com