Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C83 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 2 Page - Renesas Technology Corp

  32C83 Datasheet HTML 1Page - Renesas Technology Corp 32C83 Datasheet HTML 2Page - Renesas Technology Corp 32C83 Datasheet HTML 3Page - Renesas Technology Corp 32C83 Datasheet HTML 4Page - Renesas Technology Corp 32C83 Datasheet HTML 5Page - Renesas Technology Corp 32C83 Datasheet HTML 6Page - Renesas Technology Corp 32C83 Datasheet HTML 7Page - Renesas Technology Corp 32C83 Datasheet HTML 8Page - Renesas Technology Corp 32C83 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
Page 2
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
1.2 Performance Overview
Tables 1.1 and 1.2 list performance overview of the M32C/83 Group (M32C/83, M32C/83T).
Table 1.1 M32C/83 Group (M32C/83, M32C/83T) Performance (144-Pin Package)
Characteristic
Performance
M32C/83
M32C/83T
CPU
Basic Instructions
108 instructions
Minimum Instruction Execution Time 31.3 ns (f(BCLK)=32 MHz, VCC=4.2 to 5.5 V)(3) 31.3 ns (f(BCLK)=32 MHz, VCC=4.2 to 5.5 V)(3)
50 ns (f(BCLK)=20 MHz, VCC=3.0 to 5.5 V)
Operating Mode
Single-chip mode, Memory expansion
Single-chip mode
mode and Microprocessor mode
Address Space
16 Mbytes
Memory Capacity
See Table 1.3
Peripheral I/O Port
123 I/O pins and 1 input pin
Function
Multifunction Timer
Timer A: 16 bits x 5 channels, Timer B: 16 bits x 6 channels
Three-phase motor control circuit
Intelligent I/O
Time measurement function: 16 bits x 12 channels
Waveform generating function: 16 bits x 28 channels
Communication function (Clock synchronous serial I/O, Clock asynchronous se-
rial I/O, HDLC data processing, Clock synchronous variable length serial I/O,
IEBus(1), 8-bit or 16-bit Clock synchronous serial I/O)
Serial I/O
5 Channels
Clock synchronous serial I/O, Clock asynchronous serial I/O, IEBus(1), I2C bus(2)
CAN Module
1 channel
Supporting CAN 2.0B specification
A/D Converter
10-bit A/D converter: 2 circuit, 34 channels
D/A Converter
8 bits x 2 channels
DMAC
4 channels
DMAC II
Can be activated by all peripheral function interrupt sources
Immediate transfer, Calculation transfer and Chain transfer functions
DRAM
CAS before RAS refresh, Self-reflesh, EDO, EP
CRC Calculation Circuit
CRC-CCITT
X/Y Converter
16 bits x 16 bits
Watchdog Timer
15 bits x 1 channel (with prescaler)
Interrupt
42 internal and 8 external sources, 5 software sources, Interrupt priority level: 7
Clock Generation Circuit
4 circuits
Main clock oscillation circuit(*), Sub clock oscillation circuit(*), On-chip oscillator,
PLL frequency synthesizer
(*)Equipped with a built-in feedback resistor. Ceramic resonator or crystal oscilla-
tor must be connected externally
Oscillation Stop Detect Function
Main clock oscillation stop detect function
Electrical Supply Voltage
4.2 to 5.5 V (f(BCLK)=32 MHz)
4.2 to 5.5 V (f(BCLK)=32 MHz)
Charact-
3.0 to 5.5 V (f(BCLK)=20 MHz, through VDC)
eristics
3.0 to 3.6 V (f(BCLK)=20 MHz,
not through VDC)
Power Consumption
41 mA (VCC=5 V, f(BCLK)=32 MHz)
41 mA (VCC=5 V, f(BCLK)=32 MHz)
38 mA (VCC=5 V, f(BCLK)=30 MHz)
38 mA (VCC=5 V, Vf(BCLK)=30 MHz)
26 mA (VCC=3.3 V, f(BCLK)=20 MHz)
470
µA (VCC=5 V, f(XCIN)=32 kHz,
470
µA (VCC=5 V, f(XCIN)=32 kHz,
in wait mode)
in wait mode)
0.4
µA (VCC=5 V, stop mode)
340
µA (VCC=3.3 V, f(XCIN)=32 kHz,
through VDC, in wait mode)
5.0
µA (VCC=3.3 V, f(XCIN)=32 kHz,
not through VDC, in wait mode)
0.4
µA (VCC=5 V, stop mode)
0.4
µA (VCC=3.3 V, stop mode)
Flash
Program/Erase Supply Voltage
3.3
± 0.3 V or 5.0 ± 0.5 V
5.0
± 0.5 V
Memory
Program and Erase Endurance
100 times
Operating Ambient Temperature
–20 to 85oC, –40 to 85oC (optional)
–40 to 85oC (T version)
Package
144-pin plastic molded LQFP
NOTES:
1. IEBus is a trademark of NEC Electronics Corporation.
2. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
3. Contact our sales office if 30-MHz or higher frequency is required.
All options are on a request basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com