Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32C83 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 32C83
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C83 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 32C83 Datasheet HTML 18Page - Renesas Technology Corp 32C83 Datasheet HTML 19Page - Renesas Technology Corp 32C83 Datasheet HTML 20Page - Renesas Technology Corp 32C83 Datasheet HTML 21Page - Renesas Technology Corp 32C83 Datasheet HTML 22Page - Renesas Technology Corp 32C83 Datasheet HTML 23Page - Renesas Technology Corp 32C83 Datasheet HTML 24Page - Renesas Technology Corp 32C83 Datasheet HTML 25Page - Renesas Technology Corp 32C83 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
Page 22
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
000016
000116
000216
000316
1000 00002 (CNVss pin ="L")
000416
Processor Mode Register 0(1)
PM0
0000 00112 (CNVss pin ="H")
000516
Processor Mode Register 1
PM1
0X00 00002
000616
System Clock Control Register 0
CM0
0000 X0002
000716
System Clock Control Register 1
CM1
0010 00002
000816
Wait Control Register(2)
WCR
1111 11112
000916
Address Match Interrupt Enable Register
AIER
XXXX 00002
000A16
Protect Register
PRCR
XXXX 00002
XXXX 10002 (BYTE pin ="L")
000B16
External Data Bus Width Control Register(2)
DS
XXXX 00002 (BYTE pin ="H")
000C16
Main Clock Division Register
MCD
XXX0 10002
000D16
Oscillation Stop Detection Register
CM2
0016
000E16
Watchdog Timer Start Register
WDTS
XX16
000F16
Watchdog Timer Control Register
WDC
000X XXXX2
001016
001116
Address Match Interrupt Register 0
RMAD0
00 00 0016
001216
001316
001416
001516
Address Match Interrupt Register 1
RMAD1
00 00 0016
001616
001716
VDC Control Register for PLL
PLV
XXXX XX012
001816
001916
Address Match Interrupt Register 2
RMAD2
00 00 0016
001A16
001B16
VDC Control Register 0
VDC0
0016
001C16
001D16
Address Match Interrupt Register 3
RMAD3
00 00 0016
001E16
001F16
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002A16
002B16
002C16
002D16
002E16
002F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The PM00 and PM01 bits in the PM1 register maintain values set before reset even if software reset or watchdog timer reset is performed.
2. These registers in M32C/83T cannot be used.
4. Special Function Registers (SFR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com