Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJFP Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # M30833FJFP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJFP Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button M30833FJFP Datasheet HTML 57Page - Renesas Technology Corp M30833FJFP Datasheet HTML 58Page - Renesas Technology Corp M30833FJFP Datasheet HTML 59Page - Renesas Technology Corp M30833FJFP Datasheet HTML 60Page - Renesas Technology Corp M30833FJFP Datasheet HTML 61Page - Renesas Technology Corp M30833FJFP Datasheet HTML 62Page - Renesas Technology Corp M30833FJFP Datasheet HTML 63Page - Renesas Technology Corp M30833FJFP Datasheet HTML 64Page - Renesas Technology Corp M30833FJFP Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
Page 61
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
tcyc
18ns.max
td(BCLK-RAS)
18ns.max
td(BCLK-CAS)
th(BCLK-RAS)
-3ns.min
th(BCLK-CAS)
-3ns.min
tsu(CAS-RAS)(1)
18ns.max
tcyc
td(BCLK-CAS)
tsu(CAS-RAS)(2)
th(BCLK-RAS)
-3ns.min
th(BCLK-CAS)
-3ns.min
18ns.max
td(BCLK-RAS)
BCLK
DW
tsu(CAS-RAS)=(tcyc/2-13)ns.min
Vcc=5V
RAS
CASL
CASH
BCLK
DW
tsu(CAS-RAS)=(tcyc/2-13)ns.min
RAS
CASL
CASH
NOTES :
1. Varies with operation frequency:
Measurement Conditions:
• VCC=4.2 to 5.5V
• Input high and low voltage: VIH=2.5V, VIL=0.8V
• Output high and low voltage: VOH=2.0V, VOL=0.8V
Refresh Timing (CAS-before-RAS refresh)
Memory Expansion Mode and Microprocessor Mode
NOTES:
2. Varies with operation frequency:
Refresh Timing (Self-refresh)
Figure 5.7 VCC=5V Timing Diagram (6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com