Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30833FJFP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M30833FJFP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30833FJFP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M30833FJFP Datasheet HTML 13Page - Renesas Technology Corp M30833FJFP Datasheet HTML 14Page - Renesas Technology Corp M30833FJFP Datasheet HTML 15Page - Renesas Technology Corp M30833FJFP Datasheet HTML 16Page - Renesas Technology Corp M30833FJFP Datasheet HTML 17Page - Renesas Technology Corp M30833FJFP Datasheet HTML 18Page - Renesas Technology Corp M30833FJFP Datasheet HTML 19Page - Renesas Technology Corp M30833FJFP Datasheet HTML 20Page - Renesas Technology Corp M30833FJFP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
Page 17
1
9
f
o
6
0
0
2
,
1
3
.
n
a
J
1
4
.
1
.
v
e
R
1
4
1
0
-
3
1
0
0
B
3
0
J
E
R
)
T
3
8
/
C
2
3
M
,
3
8
/
C
2
3
M
(
p
u
o
r
G
3
8
/
C
2
3
M
P00 to P07
P10 to P17
P20 to P27
P30 to P37
P40 to P47
P50 to P57
P60 to P67
P70 to P77
P90 to P97
P100 to P107
P110 to P114
P120 to P127
P130 to P137
P140 to P146
P150 to P157
(1)
P80 to P84
P86, P87
P85
I/O
I/O
I/O
I
8-bit I/O ports for CMOS. Each port can be programmed for input or output
under the control of the direction register. An input port can be set, by
program, for a pull-up resistor available or for no pull-up resister available in
4-bit units
(P70 and P71 are ports for the N-channel open drain output.)
I/O ports having equivalent functions to P0
I/O ports having equivalent functions to P0
_______
_______
Shares a pin with NMI. NMI input state can be got by reading P85
I : Input
O : Output
I/O : Input and output
NOTE:
1. Available in the 144-pin package only.
Classsfication
Symbol
I/O Type
Function
I/O Ports
Input Port
Table 1.6 Pin Description (144-Pin Package only) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com