Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306H3FCFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M306H3FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H3FCFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M306H3FCFP Datasheet HTML 9Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 10Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 11Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 12Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 13Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 14Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 15Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 16Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 325 page
background image
Rev.1.00
2004.03.23
page 13 of 320
M306H3MC-XXXFP/FCFP
2.3 Reset
There are three types of resets: a hardware reset, a software reset, and an watchdog timer reset.
2.3.1 Hardware Reset
____________
____________
A reset is applied using the RESET pin. When an “L” signal is applied to the RESET pin while the power
supply voltage is within the recommended operating condition, the pins are initialized (see Table 2.3.1).
____________
The oscillation circuit is initialized and the main clock starts oscillating. When the input level at the RESET
pin is released from “L” to “H”, the CPU and SFR are initialized, and the program is executed starting from
____________
the address indicated by the reset vector. The internal RAM is not initialized. If the RESET pin is pulled “L”
while writing to the internal RAM, the internal RAM becomes indeterminate.
Figure 2.3.1 shows the example reset circuit. Figure 2.3.2 shows the reset sequence. Table 2.3.1 shows
____________
the statuses of the other pins while the RESET pin is “L”. Figure 2.3.3 shows the CPU register status after
reset. Refer to “SFR” for SFR status after reset.
1. When the power supply is stable
____________
(1) Apply an “L” signal to the RESET pin.
(2) Supply a clock for 20 cycles or more to the XIN pin.
____________
(3) Apply an “H” signal to the RESET pin.
2. Power on
____________
(1) Apply an “L” signal to the RESET pin.
(2) Let the power supply voltage increase until it meets the recommended operating condition.
(3) Wait td(P-R) or more until the internal power supply stabilizes.
(4) Supply a clock for 20 cycles or more to the XIN pin.
____________
(5) Apply an “H” signal to the RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com