Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38039G6HKP Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 83Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 84Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 85Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 86Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 87Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 88Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 89Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 90Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 87 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Notes on 8-bit Timer (timer 1, 2, X, Y)
• If a value n (between 0 and 255) is written to a timer latch, the
frequency division ratio is 1/(n+1).
• When switching the count source by the timer 12, X and Y
count source selection bits, the value of timer count is altered
in unconsiderable amount owing to generating of thin pulses in
the count input signals.
Therefore, select the timer count source before set the value to
the prescaler and the timer.
• Set the double-function port of the CNTR0/CNTR1 pin and
port P54/P55 to output in the pulse output mode.
• Set the double-function port of CNTR0/CNTR1 pin and port
P54/P55 to input in the event counter mode and the pulse width
measurement mode.
Notes on 16-bit Timer (timer Z)
1. Pulse output mode
• Set the double-function port of the CNTR2 pin and port P47 to
output.
2. Pulse period measurement mode
• Set the double-function port of the CNTR2 pin and port P47 to
input.
• A read-out of timer value is impossible in this mode. The timer
can be written to only during timer stop (no measurement of
pulse period).
• Since the timer latch in this mode is specialized for the read-
out of measured values, do not perform any write operation
during measurement.
• “FFFF16” is set to the timer when the timer underflows or
when the valid edge of measurement start/completion is
detected.
Consequently, the timer value at start of pulse period
measurement depends on the timer value just before
measurement start.
3. Pulse width measurement mode
• Set the double-function port of the CNTR2 pin and port P47 to
input.
• A read-out of timer value is impossible in this mode. The timer
can be written to only during timer stop (no measurement of
pulse period).
• Since the timer latch in this mode is specialized for the read-
out of measured values, do not perform any write operation
during measurement.
• “FFFF16” is set to the timer when the timer underflows or
when the valid edge of measurement start/completion is
detected.
Consequently, the timer value at start of pulse width
measurement depends on the timer value just before
measurement start.
4. Programmable waveform generating mode
• Set the double-function port of the CNTR2 pin and port P47 to
output.
5. Programmable one-shot generating mode
• Set the double-function port of CNTR2 pin and port P47 to
output, and of INT1 pin and port P42 to input in this mode.
• This mode cannot be used in low-speed mode.
• If the value of the CNTR2 active edge switch bit is changed
during one-shot generating enabled or generating one-shot
pulse, then the output level from CNTR2 pin changes.
6. All modes
• Timer Z write control
Which write control can be selected by the timer Z write control
bit (bit 3) of the timer Z mode register (address 002A16), writing
data to both the latch and the timer at the same time or writing
data only to the latch.
When the operation “writing data only to the latch” is selected,
the value is set to the timer latch by writing data to the address of
timer Z and the timer is updated at next underflow. After reset
release, the operation “writing data to both the latch and the timer
at the same time” is selected, and the value is set to both the latch
and the timer at the same time by writing data to the address of
timer Z.
In the case of writing data only to the latch, if writing data to the
latch and an underflow are performed almost at the same time,
the timer value may become undefined.
• Timer Z read control
A read-out of timer value is impossible in pulse period
measurement mode and pulse width measurement mode. In the
other modes, a read-out of timer value is possible regardless of
count operating or stopped.
However, a read-out of timer latch value is impossible.
• Switch of interrupt active edge of CNTR2 and INT1
Each interrupt active edge depends on setting of the CNTR2
active edge switch bit and the INT1 active edge selection bit.
• Switch of count source
When switching the count source by the timer Z count source
se lec tion bi ts, t h e va lue of t imer count is al tered in
inconsiderable amount owing to generating of thin pulses on the
count input signals.
Therefore, select the timer count source before setting the value
to the prescaler and the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com