Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38039G6HKP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 14Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 15Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 16Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 17Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 18Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 19Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 20Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 21Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 18 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 12. Port block diagram (1)
(5) Ports P32, P33
(7) Ports P35, P45
(4) Ports P30, P31
Data bus
A/D converter input
(1) Ports P0, P6
(6) Ports P34, P44
Serial I/O enable bit
(2) Ports P10, P11, P42, P43, P57
(3) Ports P12 to P17, P2
Serial I/O output
P-channel
output
disable bit
(8) Ports P36, P46
Pull-up control bit
Pull-up control bit
Port latch
Direction
register
Pull-up control bit
Data bus
Port latch
Direction
register
Data bus
Port latch
Direction
register
Analog input pin
selection bit
Data bus
Interrupt input
Pull-up control bit
Port latch
Direction
register
Data bus
Pull-up control bit
Port latch
Direction
register
Data bus
D/A converter output
Pull-up control bit
Port latch
Direction
register
DA1 output enable bit (P30)
DA2 output enable bit (P31)
Data bus
Port latch
Direction
register
Serial I/O input
Receive enable bit
Serial I/O enable bit
Transmit enable bit
Serial I/O mode selection bit
Serial I/O clock output
Serial I/O external clock input
Serial I/O enable bit
Pull-up control bit
Data bus
Port latch
Direction
register
Serial I/O synchronous clock
selection bit
Serial I/O enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com