Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34286G2GP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M34286G2GP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286G2GP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M34286G2GP Datasheet HTML 41Page - Renesas Technology Corp M34286G2GP Datasheet HTML 42Page - Renesas Technology Corp M34286G2GP Datasheet HTML 43Page - Renesas Technology Corp M34286G2GP Datasheet HTML 44Page - Renesas Technology Corp M34286G2GP Datasheet HTML 45Page - Renesas Technology Corp M34286G2GP Datasheet HTML 46Page - Renesas Technology Corp M34286G2GP Datasheet HTML 47Page - Renesas Technology Corp M34286G2GP Datasheet HTML 48Page - Renesas Technology Corp M34286G2GP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
4286 Group
Rev.1.00
Aug 06, 2008
page 45 of 64
REJ03B0251-0100
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D8
D0
Flag CY
2
16
TV2A (T
TV1A (Transfer data to register V1 from Accumulator)
ransfer data to register V2 from Accumulator)
001011010
0
5A
11
–
–
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register
Grouping:
Timer operation
Description: Transfers the contents of register A to regis-
ter V1.
A to regis-
ter V2.
Operation:
Operation:
(V23–V20)
(A3–A0)
001010111
05B
(V12–V10)
(A2–A0)
URSC (Sets Upper ROM Code reference enable flag)
010000010
082
11
–
–
Grouping:
Other operation
Description: Sets the most significant ROM code refer-
ence enable flag (URS) to “1.”
Operation:
(URS)
1
TYA (Transfer data to regiser Y from Accumulator)
000001100
00C
11
–
–
Grouping:
Register to register transfer
Description: Transfers the contents of register A to regis-
ter Y.
Operation:
(Y)
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com