Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34286G2GP Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M34286G2GP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34286G2GP Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M34286G2GP Datasheet HTML 54Page - Renesas Technology Corp M34286G2GP Datasheet HTML 55Page - Renesas Technology Corp M34286G2GP Datasheet HTML 56Page - Renesas Technology Corp M34286G2GP Datasheet HTML 57Page - Renesas Technology Corp M34286G2GP Datasheet HTML 58Page - Renesas Technology Corp M34286G2GP Datasheet HTML 59Page - Renesas Technology Corp M34286G2GP Datasheet HTML 60Page - Renesas Technology Corp M34286G2GP Datasheet HTML 61Page - Renesas Technology Corp M34286G2GP Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
Instruction code
Function
Mnemonic
Hexadecimal
notation
Parameter
Type of
instructions
D8 D7 D6 D5 D4 D3 D2 D1 D0
Rev.1.00
Aug 06, 2008
page 58 of 64
REJ03B0251-0100
4286 Group
00 0
00
D
00
3
05
9
01
9
02
D
02
E
05
8
08
2
08
F
08
E
08
D
00
F
NOP
POF
SNZP
CCK
CCK2
CCK4
CLVD
TLOA
URSC
TPU0A
TPU1A
TPU2A
WRST
000000000
000001101
000000011
001011001
000011001
000101101
000101110
001011000
010000010
010001111
010001110
010001101
000001111
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
(PC) ← (PC) + 1
RAM back-up
(P) = 1 ?
STCK changes to f(XIN)
STCK changes to f(XIN)/2
STCK changes to f(XIN)/4
Reset occurrence voltage 1.5V → 1.7V
(LO1, LO0) ← (A1, A0)
(URS) ← 1
(PU03–PU00) ← (A3–A0)
(PU13–PU10) ← (A3–A0)
(PU23–PU20) ← (A3–A0)
(WDF1) ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com