Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS7NF60L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS7NF60L
Description  N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7NF60L Datasheet(HTML) 1 Page - STMicroelectronics

  STS7NF60L Datasheet HTML 1Page - STMicroelectronics STS7NF60L Datasheet HTML 2Page - STMicroelectronics STS7NF60L Datasheet HTML 3Page - STMicroelectronics STS7NF60L Datasheet HTML 4Page - STMicroelectronics STS7NF60L Datasheet HTML 5Page - STMicroelectronics STS7NF60L Datasheet HTML 6Page - STMicroelectronics STS7NF60L Datasheet HTML 7Page - STMicroelectronics STS7NF60L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2002
.
STS7NF60L
N-CHANNEL 60V - 0.017
Ω - 7.5A SO-8
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.017 Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCs
TYPE
VDSS
RDS(on)
ID
STS7NF60L
60 V
< 0.0195
Ω
7.5 A
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1) Starting Tj = 25 oC, ID = 7.5 A VDD = 30 V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
7.5
A
ID
Drain Current (continuous) at TC = 100°C
4.7
A
IDM(•)
Drain Current (pulsed)
30
A
Ptot
Total Dissipation at TC = 25°C
2.5
W
EAS (1)
Single Pulse Avalanche Energy
350
mJ
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS7NF60L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS7NF60L VBSEMI-STS7NF60L Datasheet
994Kb / 9P
N-Channel 60-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS7NF60L DOINGTER-STS7NF60L Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
TECH PUBLIC Electronics...
STS7NF60L-TP TECHPUBLIC-STS7NF60L-TP Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - STS7NF60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
Oct-1999
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET™ II POWER MOSFET
Oct-2002
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
May-1999
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Dec-1998
STS4NF100 STMICROELECTRONICS-STS4NF100 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET™ II POWER MOSFET
Jul-2001
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
Aug-2002
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
Dec-1998
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2002
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
269Kb / 8P
DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Oct-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com