Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD935G2-12UI Datasheet(PDF) 63 Page - STMicroelectronics

Part # PSD935G2-12UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD935G2-12UI Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PSD935G2-12UI Datasheet HTML 59Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 60Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 61Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 62Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 63Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 64Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 65Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 66Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
PSD9XX Family
PSD935G2
62
9.6.1 Standard JTAG Signals
The JTAG configuration bit (non-volatile) inside the PSD can be set by the user in the
PSDsoft. Once this bit is set and programmed in the PSD, the JTAG pins are dedicated to
JTAG at all times and is in compliance with IEEE 1149.1. After power up the standard
JTAG signals (TDI, TDO TCK and TMS) are inputs, waiting for a serial command from an
external JTAG controller device (such as FlashLink or Automated Test Equipment). When
the enabling command is received from the external JTAG controller, TDO becomes an
output and the JTAG channel is fully functional inside the PSD. The same command that
enables the JTAG channel may optionally enable the two additional JTAG pins, TSTAT
and TERR.
The PSD935G2 supports JTAG ISP commands, but not Boundary Scan. ST’s
PSDsoft software tool and FlashLink JTAG programming cable implement these JTAG-ISP
commands.
9.6.2 JTAG Extensions
TSTAT and TERR are two JTAG extension signals enabled by a JTAG command received
over the four standard JTAG pins (TMS, TCK, TDI, and TDO). They are used to speed
programming and erase functions by indicating status on PSD pins instead of
having to scan the status out serially using the standard JTAG channel. See Application
Note 54.
TERR will indicate if an error has occurred when erasing a sector or programming a byte in
Flash memory. This signal will go low (active) when an error condition occurs, and stay
low until a special JTAG command is executed or a chip reset pulse is received after an
“ISC-DISABLE” command.
TSTAT behaves the same as the Rdy/Bsy signal described in section 9.1.1.3. TSTAT will
be high when the PSD935G2 device is in read array mode (Flash memory and Boot Block
contents can be read). TSTAT will be low when Flash memory programming or erase
cycles are in progress, and also when data is being written to the Secondary Flash Block.
TSTAT and TERR can be configured as open-drain type signals with a JTAG command.
9.6.3 Security and Flash Memories Protection
When the security bit is set, the device cannot be read on a device programmer or through
the JTAG Port. When using the JTAG Port, only a full chip erase command is allowed.
All other program/erase/verify commands are blocked. Full chip erase returns the part to a
non-secured blank state. The Security Bit can be set in PSDsoft.
All Flash Memory and Boot sectors can individually be sector protected against erasures.
The sector protect bits can be set in PSDsoft.
The
PSD935G2
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com