Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD935G2-12UI Datasheet(PDF) 48 Page - STMicroelectronics

Part # PSD935G2-12UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD935G2-12UI Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PSD935G2-12UI Datasheet HTML 44Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 45Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 46Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 47Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 48Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 49Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 50Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 51Page - STMicroelectronics PSD935G2-12UI Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
PSD935G2
PSD9XX Family
47
Figure 20. General I/O Port Architecture
The
PSD935G2
Functional
Blocks
(cont.)
Port Mode
Port A
Port B
Port C
Port D
Port E
Port F
Port G
MCU I/O
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PLD Outputs
Yes
Yes
Yes
No
No
No
No
PLD Inputs
Yes
Yes
Yes
Yes
No
Yes
No
Address Out
No
No
No
No
Yes
Yes
Yes
(A7-0)
(A7-0)
(A7-0)
or
(A15-8)
Address In
Yes
Yes
Yes
Yes
No
Yes
No
Data Port
No
No
No
No
No
Yes
No
JTAG ISP
No
No
No
No
Yes
No
No
Table 16. Port Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com