Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJL5014DPP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJL5014DPP
Description  Silicon N Channel MOSFET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJL5014DPP Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJL5014DPP Datasheet HTML 1Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 2Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 3Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 4Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 5Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 6Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJL5014DPP
REJ03G1690-0300 Rev.3.00 Jun 13, 2008
Page 4 of 6
0
100
50
200
150
250
10000
100
1000
800
0
16
600
12
400
8
200
4
20
40
60
80
100
0
10
1
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nC)
Dynamic Input Characteristics
0
0.4
0.8
1.2
1.6
2.0
20
8
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature
4
12
16
0
2
1
3
4
5
-25
0
25
50
75
100 125
150
Pulse Test
VGS = 0, -5 V
10 V
5 V
ID = 19 A
VDS
VGS
VDD = 100 V
250 V
400 V
VDD = 400 V
250 V
100 V
VDS = 10 V
ID = 10 mA
1 mA
0.1 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com