Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJL5014DPP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJL5014DPP
Description  Silicon N Channel MOSFET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJL5014DPP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJL5014DPP Datasheet HTML 1Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 2Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 3Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 4Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 5Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 6Page - Renesas Technology Corp RJL5014DPP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJL5014DPP
REJ03G1690-0300 Rev.3.00 Jun 13, 2008
Page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
500
—
—
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
—
—
10
µA
VDS = 500 V, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
2.0
—
4.0
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
—
0.32
0.40
Ω
ID = 9.5 A, VGS = 10 V
Note5
Input capacitance
Ciss
—
1700
—
pF
Output capacitance
Coss
—
190
—
pF
Reverse transfer capacitance
Crss
—
23
—
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
—
32
—
ns
Rise time
tr
—
27
—
ns
Turn-off delay time
td(off)
—
95
—
ns
Fall time
tf
—
20
—
ns
ID = 9.5 A
VGS = 10 V
RL = 26.3
Ω
Rg = 10
Ω
Total gate charge
Qg
—
43
—
nC
Gate to source charge
Qgs
—
8.2
—
nC
Gate to drain charge
Qgd
—
21.8
—
nC
VDD = 400 V
VGS = 10 V
ID = 19 A
Body-drain diode forward voltage
VDF
—
1.00
1.65
V
IF = 19 A, VGS = 0
Note5
Body-drain diode reverse recovery time
trr
—
160
—
ns
IF = 19 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 5. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com