Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62376GP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62376GP
Description  8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62376GP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62376GP Datasheet HTML 1Page - Renesas Technology Corp M62376GP Datasheet HTML 2Page - Renesas Technology Corp M62376GP Datasheet HTML 3Page - Renesas Technology Corp M62376GP Datasheet HTML 4Page - Renesas Technology Corp M62376GP Datasheet HTML 5Page - Renesas Technology Corp M62376GP Datasheet HTML 6Page - Renesas Technology Corp M62376GP Datasheet HTML 7Page - Renesas Technology Corp M62376GP Datasheet HTML 8Page - Renesas Technology Corp M62376GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M62376GP
REJ03D0881-0300 Rev.3.00 Mar 25, 2008
Page 2 of 10
Pin Arrangement
24
21
22
23
1
4
3
2
20
5
19
6
18
7
17
8
16
9
15
10
A1
D6/A10
GND
D3
A2
RESET
A3
EN
A4
SO
D11/A5
SI
D10/A6
CLK
D9/A7
D0
D8/A8
D1
D7/A9
D2
14
11
13
12
D4/A12
VDD
D5/A11
VCC
M62376GP
(Top view)
Outline: PLSP0024JA-A (24P2E-A)
Pin Description
Pin No.
Pin Name
Function
20
SI
Serial data input pin. Enters serial data of 16-bit in length.
21
SO
Outputs data from 16-bit shift register that reads serial data or parallel data.
19
CLK
Shift clock input pin. At the rise of shift clock, input signal from the SI pin is entered into
the 16-bit shift register.
22
EN
Entry of low level into the
EN pin starts to read data. Putting 16-bit data at high level after
input loads the input data to a specified register.
1
A1
2
A2
3
A3
4
A4
Special output pin for 8-bit D/A converter (DAC)
5
D11/A5
6
D10/A6
7
D9/A7
8
D8/A8
9
D7/A9
10
D6/A10
11
D5/A11
12
D4/A12
Pin that shares I/O and DAC output. Settings can be selected with serial data. D4 to D11
are connected to the VDD power supply.
18
D0
17
D1
16
D2
15
D3
Digital input output pin.
14
VCC
Digital block power supply pin.
24
GND
GND pin
13
VDD
Power supply pin in analog block and reference voltage input pin on the upper side of D/A
converter
23
RESET
RESET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com