Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62376GP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62376GP
Description  8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62376GP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62376GP Datasheet HTML 1Page - Renesas Technology Corp M62376GP Datasheet HTML 2Page - Renesas Technology Corp M62376GP Datasheet HTML 3Page - Renesas Technology Corp M62376GP Datasheet HTML 4Page - Renesas Technology Corp M62376GP Datasheet HTML 5Page - Renesas Technology Corp M62376GP Datasheet HTML 6Page - Renesas Technology Corp M62376GP Datasheet HTML 7Page - Renesas Technology Corp M62376GP Datasheet HTML 8Page - Renesas Technology Corp M62376GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M62376GP
REJ03D0881-0300 Rev.3.00 Mar 25, 2008
Page 3 of 10
Block Diagram for Explanation of Terminals
EN
CLK
S15 S14 S13 S12 S11 S10
S9S8S7S6S5S4S3S2S1S0
Di11 Di10 Di9
Di8
Di7
Di6
Di5
Di4
Di3
Di2
Di1
Di0
EN
EN
.........
...
...
...
............
............
............
21
22
19
20
23
1
12
15
16
17
18
4
5
EN
CLK
SI
RESET
A1
A4
......
D11/A5
............
D4/A12
D3
D2
D1
D0
SO
(12)
(8)
[1110]
[0000]
[1111]
[1101]
(8)
(4)
(8)
A12
A5
A4
A1
13
14
24
VDD
VCC
GND
+
−
+
−
+
−
+
−
Shift register
8-bit
latch
8-bit D/A
converter
8-bit
latch
8-bit D/A
converter
Power ON
RESET
8-bit
latch
8-bit D/A
converter
8-bit
latch
8-bit D/A
converter
8-bit
latch
Level
shift
Level shift
Level shift
Level shift
Decoder (12)
Decoder (4)
Clock
control
circuit
12
-bit
latch
(11010000)
(A5-A12 Hi-Z)
Latch
Latch
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Digital supply voltage
VCC
–0.3 to +7.0
V
Analog supply
(D/A converter upper reference voltage)
VDD
–0.3 to +7.0
V
Input voltage
VIN
–0.3 to VCC + 0.3
V
VCC supply side pin
Output voltage
Vout
–0.3 to VCC + 0.3
V
VCC supply side pin
Input voltage
VIN
–0.3 to VDD + 0.3
V
VDD supply side pin
Output voltage
Vout
–0.3 to VDD + 0.3
V
VDD supply side pin
Power dissipation
Pd
200
mW
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com