Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS201ATEL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD151TS201ATEL
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201ATEL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD151TS201ATEL Datasheet HTML 6Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 7Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 8Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 9Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 10Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 11Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 12Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 13Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 10 of 28
I
2C Controlled Register Bit Map (cont.)
Byte5 Control Register
Bit
Description
Contents
Default
7
Reserved
0
6
Reserved
0
5
66IN to 66OUT [2:0] delay bit1
0
4
66IN to 66OUT[2:0] delay bit0
0
3
DOT Slew Rate Control bit1
0
2
DOT Slew Rate Control bit0
00 = Default 01 = Fast1
10 = Fast2
11 = Slow1
0
1
USB Slew Rate Control bit1
0
0
USB Slew Rate Control bit0
00 = Default 01 = Fast1
10 = Fast2
11 = Slow1
0
Byte6 Vendor ID Register
Bit
Description
Contents
Default
7
Revision Code
0
6
0
5
0
4
1
3
1
2
1
1
1
0
Vendor ID Register
Renesas = “1111”
1
Note: This register is read only register. Don’t write any data.
Byte7 Byte Count Read Back Register
Bit
Description
Contents
Default
7
Byte Count setting bit7
0
6
Byte Count setting bit6
0
5
Byte Count setting bit5
0
4
Byte Count setting bit4
1
3
Byte Count setting bit3
0
2
Byte Count setting bit2
1
1
Byte Count setting bit1
1
0
Byte Count setting bit0
Writing to this register will configure byte.
Count and how many bytes will be read back.
Default is 17hex = 23 bytes.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com