Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS201ATEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD151TS201ATEL
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201ATEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD151TS201ATEL Datasheet HTML 1Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 2Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 3Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 4Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 5Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 6Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 7Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 8Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 3 of 28
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
VDD
XIN
XOUT
GND
PCIF0
PCIF1
PCIF2
VDD
PCI0
PCI1
PCI2
PCI3
VDD
GND
PCI4
PCI5
PCI6
VDD
GND
66OUT0/3V66_2
66OUT1/3V66_3
66OUT2/3V66_4
66IN/3V66_5
GND
11
12
13
14
15
16
17
18
19
20
21
22
23
24
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
3V66_0
PCISTOP#
3V66_1/VCH
VDD48
DOT48
CPUCLKC2
S2
GND IREG
CPUCLKT2
GND
CPUCLKC1
CPUCLKT1
USB48
VDD
CPUCLKC0
CPUCLKT0
S0
REF
S1
GND48
PWRDWN#
VDDA
GNDA
VTT_PWRGD#
25
26
27
28
29
30
31
32
SDATA
SCLK
GND
VDD
IREF
MULT0
VDD
CPUSTOP#
(Top view)
PCISTOP#, MULT0, PWRDWN#, CPUSTOP# = 150K
Ω Internal Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com