Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS4318ESS01H Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 18Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 19Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 20Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 21Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 22Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 23Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 24Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 25Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
HD404318 Series
20
MCU Operation Sequence: The MCU operates in the sequence shown in figure 13 and figure 14.
The low-power mode operation sequence is shown in figure 14. With the IE flag cleared and an interrupt
flag set together with its interrupt mask cleared, if a STOP/SBY instruction is executed, the instruction is
cancelled (regarded as an NOP) and the following instruction is executed. Before executing a STOP/SBY
instruction, make sure all interrupt flags are cleared or all interrupts are masked.
Power ON
Reset MCU
RAME = 0
IE
← 0
Stack
← (PC),
(CA), (ST)
No
Yes
IF = 1?
RESET = 0?
SBY/STOP
instruction
IM = 0
IE = 1
RAME = 1
Instruction
execution
Reset input
PC
← vector
address
No
No
No
Yes
Yes
MCU operation cycle
PC
← (PC)+1
Low-power mode
operation cycle
(figure 15)
Figure 13 MCU Operating Sequence (Power ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com