Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS4318ESS01H Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 22Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 23Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 24Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 25Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 26Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 27Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 28Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 29Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
HD404318 Series
24
I/O Ports
The MCU has 33 input/output pins (D
0–D8, R0–R4, R8) and one input-only pin (RA1).
The following
describes the features of the I/O ports.
• The 21 pins consisting of D
0–D8, R1, R2, and R8 are all high-voltage I/O pins. RA1 is a high-voltage
input-only pin. These high-voltage pins can be equipped with or without pull-down resistance, as
selected by the mask option.
• All standard output pins are CMOS output pins. However, the R0
2/SO pin can be programmed for
NMOS open-drain output.
• In stop mode, input/output pins go to the high-impedance state
• All standard input/output pins have pull-up MOS built in, which can be individually turned on or off by
software
Table 5
Control of Standard I/O Pins by Program
MIS3 (bit 3 of MIS)
0
1
DCR
0
1
0
1
PDR
0
101
010
1
CMOS buffer
PMOS
—
—
—
On
—
—
—
On
NMOS
—
—
On
———On
—
Pull-up MOS
—
—
—
—
—
On
—
On
Note:
— indicates off.
Bit
Initial value
Read/Write
Bit name
3
0
W
2
0
W
0
0
W
1
0
W
DCR0, DCR3,
DCR4
Data control register
(DCR0: $030, DCR3: $033, DCR4: $034)
Bits 0 to 3
0
CMOS Buffer Control
CMOS buffer off
(high impedance)
CMOS buffer on
Register
DCR0
DCR3
DCR4
Bit 3
R03
R33
R43
Correspondence between ports and DCR bits
Bit 2
R02
R32
R42
Bit 1
R01
R31
R41
Bit 0
R00
R30
R40
1
DCR03,
DCR33,
DCR43,
DCR02,
DCR32,
DCR42,
DCR01,
DCR31,
DCR41,
DCR00,
DCR30,
DCR40
Figure 17 Data Control Register (DCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com