Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404334FS Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # HD404334FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404334FS Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button HD404334FS Datasheet HTML 31Page - Renesas Technology Corp HD404334FS Datasheet HTML 32Page - Renesas Technology Corp HD404334FS Datasheet HTML 33Page - Renesas Technology Corp HD404334FS Datasheet HTML 34Page - Renesas Technology Corp HD404334FS Datasheet HTML 35Page - Renesas Technology Corp HD404334FS Datasheet HTML 36Page - Renesas Technology Corp HD404334FS Datasheet HTML 37Page - Renesas Technology Corp HD404334FS Datasheet HTML 38Page - Renesas Technology Corp HD404334FS Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
HD404339 Series
33
I/O Pin Type
Circuit
Pins
Peripheral function
pins
Input/
pins
VCC
Input data
HLT
MIS3
SI
PDR
SI
Input control
VCC
HLT
MIS3
PDR
A/D input
AN
0–AN 11
Notes: 1. In stop mode, the MCU is reset and the peripheral function selection is cancelled. The
HLT
signal goes low, and input/output pins enter the high-impedance state.
2. The
HLT signal is 1 in active, standby, watch, and subactive modes.
Table 7
Circuit Configurations for High-Voltage Input/Output Pins
I/O Pin Type
With Pull-Down Resistance
Without Pull-Down Resistance
Pins
Input/output
pins
VCC
Input data
Input control
signal
HLT
Output
data
Vdisp
Pull-down
resistance
VCC
Input data
Input control
signal
Output
data
HLT
D
0–D 13,
R1
0–R1 3,
R2
0–R2 3,
R8
0–R8 3,
R9
0–R9 3
Input pins
Input data
Input control
signal
RA
1
Peripheral
function
pins
Output pins
VCC
Output
data
Vdisp
Pull-down
resistance
HLT
VCC
Output
data
HLT
BUZZ
Input pins
Input data
Pull-down
resistance
Vdisp
Input data
INT
0,
INT
1,
EVNB,
STOPC
Note:
HLT goes high in active, standby, watch, and subactive modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com