Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404334FS Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # HD404334FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404334FS Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button HD404334FS Datasheet HTML 57Page - Renesas Technology Corp HD404334FS Datasheet HTML 58Page - Renesas Technology Corp HD404334FS Datasheet HTML 59Page - Renesas Technology Corp HD404334FS Datasheet HTML 60Page - Renesas Technology Corp HD404334FS Datasheet HTML 61Page - Renesas Technology Corp HD404334FS Datasheet HTML 62Page - Renesas Technology Corp HD404334FS Datasheet HTML 63Page - Renesas Technology Corp HD404334FS Datasheet HTML 64Page - Renesas Technology Corp HD404334FS Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
HD404339 Series
59
Notes on Usage
• Use the SEM or SEMD instruction for writing to the A/D start flag (ADSF)
• Do not write to the A/D start flag during A/D conversion
• Data in the A/D data register during A/D conversion is undefined
• Since the operation of the A/D converter is based on the clock from the system oscillator, the A/D
converter does not operate in stop, watch, or subactive mode. In addition, to save power while in these
modes, all current flowing through the converter’s resistance ladder is cut off.
• If the power supply for the A/D converter is to be different from V
CC, connect a 0.1-µF bypass capacitor
between the AV
CC and AVSS pins. (However, this is not necessary when the AVCC pin is directly
connected to the V
CC pin.)
• The port data register (PDR) is initialized to 1 by an MCU reset. At this time, if pull-up MOS is selected
as active by bit 3 of the miscellaneous register (MIS3), the port will be pulled up to V
CC. When using a
shared R port/analog input pin as an input pin, clear PDR to 0. Otherwise, if pull-up MOS is selected by
MIS3 and PDR is set to 1, a pin selected by bit 1 of the A/D mode registr as an analog pin will remain
pulled up.
Bit
Initial value
Read/Write
Bit name
3
0
W
AMR13
2
0
W
AMR12
0
0
W
AMR10
1
0
W
AMR11
AMR10
0
1
AN0
A/D mode register 1 (AMR1: $019)
AMR11
0
1
AN1
AMR12
0
1
R32/AN2 Mode Selection
R32
AN2
AMR13
0
1
R33/AN3 Mode Selection
R33
AN3
R30/AN0 Mode Selection
R30
R31/AN1 Mode Selection
R31
Figure 46 A/D Mode Register 1 (AMR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com