Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404336FS Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD404336FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404336FS Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD404336FS Datasheet HTML 68Page - Renesas Technology Corp HD404336FS Datasheet HTML 69Page - Renesas Technology Corp HD404336FS Datasheet HTML 70Page - Renesas Technology Corp HD404336FS Datasheet HTML 71Page - Renesas Technology Corp HD404336FS Datasheet HTML 72Page - Renesas Technology Corp HD404336FS Datasheet HTML 73Page - Renesas Technology Corp HD404336FS Datasheet HTML 74Page - Renesas Technology Corp HD404336FS Datasheet HTML 75Page - Renesas Technology Corp HD404336FS Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
HD404339 Series
70
I/O Characteristics for High-Voltage Pins (V
CC = 4.0 to 5.5 V, GND = 0 V, Vdisp = VCC – 40 V to VCC,
T
a = –20 to +75°C, unless otherwise specified)
Item
Symbol
Pins
Min
Typ Max
Unit Test Condition
Note
Input high voltage
V
IH
D
0–D 13, R1,
R2, R8, R9,
RA
1
0.7V
CC
—V
CC + 0.3
V
Input low voltage
V
IL
D
0–D 13, R1,
R2, R8, R9,
RA
1
V
CC – 40
—
0.3V
CC
V
Output high
voltage
V
OH
D
0–D 13, R1,
R2, R8, R9,
BUZZ
V
CC – 3.0
—
—
V
–I
OH = 15 mA
V
CC – 2.0
—
—
V
–I
OH = 10 mA
V
CC – 1.0
—
—
V
–I
OH = 4 mA
Output low voltage V
OL
D
0–D 13, R1,
R2, R8, R9,
BUZZ
——
V
CC – 37
V
V
disp = VCC – 40 V
1
——
V
CC – 37
V
150 k
Ω at V
CC – 40 V
2
I/O leakage
current
|I
IL|D0–D 13, R1,
R2, R8, R9,
RA
1, BUZZ
——
20
µAV
in = VCC – 40 V to VCC
3
Pull-down MOS
current
I
PD
D
0–D 13, R1,
R2, R8, R9
200
600 1000
µAV
disp = VCC – 35 V,
V
in = VCC
1
Notes: 1. Applies to pins with pull-down MOS as selected by the mask option .
2. Applies to pins without pull-down MOS as selected by the mask option.
3. Excludes output buffer current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com