Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404336FS Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD404336FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404336FS Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD404336FS Datasheet HTML 14Page - Renesas Technology Corp HD404336FS Datasheet HTML 15Page - Renesas Technology Corp HD404336FS Datasheet HTML 16Page - Renesas Technology Corp HD404336FS Datasheet HTML 17Page - Renesas Technology Corp HD404336FS Datasheet HTML 18Page - Renesas Technology Corp HD404336FS Datasheet HTML 19Page - Renesas Technology Corp HD404336FS Datasheet HTML 20Page - Renesas Technology Corp HD404336FS Datasheet HTML 21Page - Renesas Technology Corp HD404336FS Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
HD404339 Series
16
Instruction Set
Table 2
Instruction Set Classification
Instruction Type
Function
Number of
Instructions
Immediate
Transferring constants to the accumulator, B register, and RAM.
4
Register-to-register
Transferring contents of the B, Y, SPX, SPY, or memory registers to
the accumulator.
8
RAM addressing
Available when accessing RAM in register indirect addressing
mode.
13
RAM register
Transferring data between the accumulator and memory.
10
Arithmetic
Performing arithmetic operations with the contents of the
accumulator, B register, or memory.
25
Compare
Comparing contents of the accumulator or memory with a constant.
12
RAM bit manipulation
Bit set, bit reset, and bit test.
6
ROM addressing
Branching and jump instructions based on the status condition.
8
Input/output
Controlling the input/output of the R and D ports; ROM data
reference with the P instruction.
11
Control
Controlling the serial communication interface and low-power
dissipation modes.
4
Total:
101
instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com