| Electronic Components Datasheet Search |
|
HD404614FS Datasheet(PDF) 58 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404614FS Datasheet(HTML) 58 Page - Renesas Technology Corp |
|
58 / 91 page ![]() HD404618 Series 56 Liquid Crystal Display (LCD) The MCU has an LCD controller and driver which drive 4 common signal pins and 32 segment signal pins. The controller consists of a RAM area in which display data is stored, a display control register (LCR), and a duty/clock control register (LMR), as shown in figure 37. Four duties and the LCD clock are program-controllable, and a built-in dual-port RAM ensures that display data can be automatically transmitted to the segment signal pins without program intervention. If a 32-kHz oscillation clock is selected as the LCD clock source, the LCD can be used even in watch mode, in which the system clock stops. VCC Power switch V1 V2 V3 GND LCD power control circuit LCD common driver Display on/off Display area LCD duty/clock control register (LMR: $014) (Dual-port RAM) LCD control register (LCR: $013) LCD segment driver LCD clock $050 $06F RAM area Duty cycle selection Clock selection 22 3 1 LCD clock SEG32 SEG2 SEG1 COM4 COM3 COM2 COM1 Divided system clock output (CL1–CL3) Divided 32-kHz clock output (CL0) LCD: Liquid crystal display 12 Figure 35 Liquid Crystal Display Block Diagram LCD Data Area and Segment Data ($050– $06F): Figure 36 shows the configuration of LCD RAM area. Each bit of the storage area corresponds to one of four types of duties. If data is written to an area corresponding to a certain duty cycle, it is automatically output to the corresponding segments as display data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |