Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404614FS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD404614FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404614FS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD404614FS Datasheet HTML 13Page - Renesas Technology Corp HD404614FS Datasheet HTML 14Page - Renesas Technology Corp HD404614FS Datasheet HTML 15Page - Renesas Technology Corp HD404614FS Datasheet HTML 16Page - Renesas Technology Corp HD404614FS Datasheet HTML 17Page - Renesas Technology Corp HD404614FS Datasheet HTML 18Page - Renesas Technology Corp HD404614FS Datasheet HTML 19Page - Renesas Technology Corp HD404614FS Datasheet HTML 20Page - Renesas Technology Corp HD404614FS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
HD404618 Series
15
Reset
The MCU is reset by inputting a high-level voltage to the RESET pin. At power-on or when stop mode is
cancelled, RESET must be high for at least one t
RC to enable the oscillator to stabilize.
During operation, RESET must be high for at least two instruction cycles.
I/O pins go to high-impedance at power-on.
Initial values after MCU reset are shown in table 1.
Table 1 Initial Values After MCU Reset
Item
Abbr.
Initial Value Contents
Program counter
(PC)
$0000
Indicates program execution
point from start address of ROM
area
Status flag
(ST)
1
Enables conditional branching
Stack pointer
(SP)
$3FF
Stack level 0
V register (bank register)
(V)
0
Bank 0 (memory)
Interrupt flags/mask Interrupt enable flag
(IE)
0
Inhibits all interrupts
Interrupt request flag
(IF)
0
Indicates there is no interrupt
request
Interrupt mask
(IM)
1
Prevents (masks) interrupt
request
I/O
Port data register
(PDR)
All bits 1
Enables output at level 1
Data control register
(DCR)
All bits 0
Turns output buffer off (to high
impedance)
Port mode register A
(PMRA)
0000
Refer to description of port mode
register A
Port mode register B
(PMRB)
0000
Refer to description of port mode
register B
Timer/
counters, serial
interface
Timer mode register A
(TMA)
0000
Refer to description of timer
mode register A
Timer mode register B
(TMB)
0000
Refer to description of timer
mode register B
Timer mode register C
(TMC)
0000
Refer to description of timer
mode register C
Serial mode register
(SMR)
0000
Refer to description of serial
mode register
Prescaler S
$000
—
Prescaler W
$00
—
Timer counter A
(TCA)
$00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com