Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4046212RFS Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 45Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 46Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 47Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 48Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 49Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 50Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 51Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 52Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 157 page
background image
HD404629R Series
47
Notes: 1. Circuit constants differ by the different types of crystal oscillators, ceramic oscillators, and with
the stray capacitance of the board, so consult the manufacturer of the oscillator to determine the
circuit parameters.
2. The wiring between the OSC
1, OSC 2 (X1 and X2 pins), and the other elements should be as
short as possible, and must not cross other wiring. Refer to figure 28.
3. If not using a 32.768-kHz crystal oscillator, fix the X1 pin to V
CC and leave the X2 pin open.
Input/Output
The MCU has 42 input/output pins (D
0–D9, R00–R73) and 2 input pins (D10, D11).
The features are
described below.
• Ten pins (D
0–D9) are high-current input/output pins.
• The D
10 and D11, and R00–R73 input/output pins are multiplexed with peripheral function pins such as
for the timers or serial interface. For these pins, the peripheral function setting is done prior to the D or
R port setting. Therefore, when a peripheral function is selected for a pin, the pin function and
input/output selection are automatically switched according to the setting.
• Input or output selection for input/output pins and port or peripheral function selection for multiplexed
pins are set by software.
• Peripheral function output pins are CMOS output pins. Only the R2
3/SO pin can be set to NMOS open-
drain output by software.
• In stop mode, the MCU is reset, and therefore peripheral function selection is cancelled. Input/output
pins are in high-impedance state.
• Each input/output pin has a built-in pull-up MOS, which can be individually turned on or off by
software.
I/O buffer configuration is shown in figure 29, programmable I/O circuits are listed in table 23, and I/O pin
circuit types are shown in table 24.
Table 23 Programmable I/O Circuits
MIS3 (bit 3 of MIS)
0
1
DCD, DCR
0
1
0
1
PDR
010
10
101
CMOS buffer
PMOS
—
—
—
On
—
—
—
On
NMOS
—
—
On
—
—
—
On
—
Pull-up MOS
—
—
—
—
—
On
—
On
Note:
— indicates off status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com