Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4046212RFS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 9Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 10Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 11Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 12Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 13Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 14Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 15Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 16Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
HD404629R Series
11
RAM Memory Map
The MCU contains a 1,876-digit
× 4-bit RAM area consisting of a memory register area, an LCD data area,
a data area, and a stack area. In addition, an interrupt control bits area, special register area, and register
flag area are mapped onto the same RAM memory space as a RAM-mapped register area outside the above
areas. The RAM memory map is shown in figure 2 and described below.
RAM-Mapped Register Area ($000–$03F):
• Interrupt Control Bits Area ($000–$003)
This area is used for interrupt control bits (figure 3). These bits can be accessed only by RAM bit
manipulation instructions (SEM/SEMD, REM/REMD, and TM/TMD). However, note that not all the
instructions can be used for each bit. Limitations on using the instructions are shown in figure 4.
• Special Function Register Area ($004–$01F, $024–$03F)
This area is used as mode registers and data registers for external interrupts, serial interface,
timer/counters, LCD, A/D converter, and as data control registers for I/O ports. The structure is shown
in figures 2 and 5. These registers can be classified into three types: write-only (W), read-only (R), and
read/write (R/W). The SEM, SEMD, REM, and REMD instructions can be used for the LCD control
register (LCR: $01B), but RAM bit manipulation instructions cannot be used for other registers.
• Register Flag Area ($020–$023)
• This area is used for the DTON, WDON, and other register flags and interrupt control bits (figure 3).
These bits can be accessed only by RAM bit manipulation instructions (SEM/SEMD, REM/REMD, and
TM/TMD). However, note that not all the instructions can be used for each bit. Limitations on using
the instructions are shown in figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com