Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB88WS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSB88WS
Description  Silicon Schottky Barrier Diode for Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSB88WS Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSB88WS Datasheet HTML 1Page - Renesas Technology Corp HSB88WS Datasheet HTML 2Page - Renesas Technology Corp HSB88WS Datasheet HTML 3Page - Renesas Technology Corp HSB88WS Datasheet HTML 4Page - Renesas Technology Corp HSB88WS Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HSB88WS
Rev.4.00 Apr 05, 2005 page 4 of 4
Package Dimensions
L
e
e1
l1
b2
l1
A2 A
A1
D
b
E HE
e
(0.45)
Pattern of terminal position areas
A1.0
-
1.3
A1
0
-
0.1
A2
-1.1
-
-
0.4
-
b
-4.71
-
-
1.5
-
-1.27
-
--
D
2.2
2.8
3.0
E
0.65
e
HE
L
-0.8
-
-2.6
-
-
1.0
-
b2
e1
l1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
0.020g
MASS[Typ.]
MOP / MOPV
PTSP0008DB-A
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com