Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC573AFPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74BC573AFPEL
Description  Octal D Type Transparent Latches With 3 State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC573AFPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74BC573AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74BC573A
Rev.3.00, Jul.16.2004, page 4 of 8
Switching Test Method (C
L = 50 pF)
Ta = 25°C
V
CC = 5.0 V
Ta = –40 to 85°C
V
CC = 5.0 V ±10%
Item
Symbol
Min
Max
Min
Max
Unit
Test conditions
Propagation
D
→ Qt
PLH
3.0
8.0
3.0
10.0
ns
See under figure
delay time
t
PHL
3.0
8.0
3.0
10.0
LE
→ Qt
PLH
3.0
8.0
3.0
10.0
ns
t
PHL
3.0
8.0
3.0
10.0
Output enable time
t
ZH
3.0
9.0
3.0
11.0
ns
t
ZL
3.0
9.0
3.0
11.0
Output disable time
t
HZ
3.0
8.0
3.0
10.0
ns
t
LZ
3.0
8.0
3.0
10.0
Setup time
t
S(H)
2.0
—
2.0
—
ns
t
S(L)
2.0
—
2.0
—
Hold time
t
h(H)
2.0
—
2.0
—
ns
t
h(L)
2.0
—
2.0
—
Pulse width
t
w
6.0
—
6.0
—
ns
Input capacitanse
C
IN
3.0 (Typ)
—
pF
V
IN = VCC or GND
Output capacitance
C
O
15.0 (Typ)
—
pF
V
O = VCC or GND
Test Circuit
VCC
1Q to 8Q
1D to 8D
LE
Output
OPEN
7V
Pulse Generator
Zout = 50 Ω
Pulse Generator
Zout = 50 Ω
Input
Input
VCC
50 Scope
Ω
OC
C =
50 pF
L
500 Ω
450Ω
*2
Notes:
1.
C
L includes probe and jig capacitance.
2.
OPEN: t
PLH, tPHL, tZH, tHZ, th, tS, tw
7 V: t
ZL, tLZ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com