Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC573AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74BC573AFPEL
Description  Octal D Type Transparent Latches With 3 State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC573AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74BC573AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74BC573AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.3.00, Jul.16.2004, page 1 of 8
HD74BC573A
Octal D Type Transparent Latches With 3 State Outputs
REJ03D0287–0300Z
(Previous ADE-205-021A (Z))
Rev.3.00
Jul.16.2004
Description
The HD74BC573A provides high drivability and operation equal to or better than high speed bipolar standard logic IC
by using Bi-CMOS process. The device features low power dissipation that is about 1/5 of high speed bipolar logic IC,
when the frequency is 10 MHz. The device has eight D type latches with three state outputs in a 20 pin package. When
the latch enable input is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D
inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the
output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs
and the state of the storage elements.
Features
• Input/Output are at high impedance state when power supply is off.
• Built in input pull up circuit can make input pins be open, when not used.
• TTL level input
• Wide operating temperature range
Ta = –40 to + 85°C
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74BC573AP
DILP-20 pin
DP-20N, -20NEV
P
—
HD74BC573AFPEL
SOP-20 pin (JEITA) FP-20DAV
FP
EL (2,000 pcs/reel)
Note:
Please consults the sales office for the above package availability.
Function Table
Output Control
Latch Enable
Data
Output Q
LH
H
H
LH
LL
LL
X
Q
0
HX
X
Z
H :
High leve
L
:
Low level
X :
Immaterial
Z
:
High impedance
Q
0 :
Level of Q before the indicated steady input conditions were established


Similar Part No. - HD74BC573AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC573A HITACHI-HD74BC573A Datasheet
39Kb / 9P
Octal D Type Transparent Latches With 3 State Outputs
More results

Similar Description - HD74BC573AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com