Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74CDCF2509BTEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74CDCF2509BTEL
Description  140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CDCF2509BTEL Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74CDCF2509BTEL Datasheet HTML 1Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 2Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 3Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 4Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 5Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 6Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 7Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 8Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74CDCF2509B
Rev.10.00 Apr 07, 2006 page 7 of 8
Waveforms – 1
VOH
VOL
CC
0 V
3 V
50% V
CC
50% V
CC
50% V
2 V
2 V
0.4 V
0.4 V
TLH
t
THL
t
Input
Output
(= FBOUT)
Notes:
1. All input pulses are supplied by generators having the following characteristics: PRR ≤ 100
MHz, ZO = 50
Ω, tr = 1.2 ns, tf = 1.2 ns.
2. The outputs are measured one at a time with one transition per measurement.
Waveforms – 2
phase error
t
CLKIN
FBIN
sk (o)
t
FBOUT
Any Y
sk (o)
t
Any Y
Any Y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com