Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74CDCF2509BTEL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74CDCF2509BTEL
Description  140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CDCF2509BTEL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74CDCF2509BTEL Datasheet HTML 1Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 2Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 3Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 4Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 5Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 6Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 7Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 8Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74CDCF2509B
Rev.10.00 Apr 07, 2006 page 2 of 8
Function Table
Inputs
Outputs
1G
2G
CLK
1Y (0:4)
2Y (0:3)
FBOUT
X
X
L
L
L
L
L
L
H
L
L
H
L
H
H
L
H
H
H
L
H
H
L
H
H
H
H
H
H
H
H :
High level
L :
Low level
X :
Immaterial
Pin Arrangement
(Top view)
15
16
17
18
19
20
21
22
23
24
VCC
VCC
AVCC
VCC
VCC
1
2
3
4
5
6
7
8
9
10
11
12
AGND
1Y0
1Y1
1Y2
GND
GND
1Y3
1Y4
1G
FBOUT
CLK
2Y0
2Y1
GND
GND
2Y2
2Y3
13
14 2G
FBIN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com