Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3802 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 3802
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3802 Datasheet(HTML) 2 Page - Renesas Technology Corp

  3802 Datasheet HTML 1Page - Renesas Technology Corp 3802 Datasheet HTML 2Page - Renesas Technology Corp 3802 Datasheet HTML 3Page - Renesas Technology Corp 3802 Datasheet HTML 4Page - Renesas Technology Corp 3802 Datasheet HTML 5Page - Renesas Technology Corp 3802 Datasheet HTML 6Page - Renesas Technology Corp 3802 Datasheet HTML 7Page - Renesas Technology Corp 3802 Datasheet HTML 8Page - Renesas Technology Corp 3802 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
P41/INT0
25
26
27
28
29
30
31
32
17
18
19
20
21
22
23
24
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
M38022M4-XXXFP
P63 /AN3
P64/AN4
P65/AN5
AVSS
VREF
VCC
P30/DA1
P31/DA2
P32/ONW
P33/RESETOUT
P34/
φ
P35/SYNC
P36/WR
P37/RD
P42/INT1
CNVSS
XIN
XOUT
VSS
P27/DB7
P26/DB6
P25/DB5
P24/DB4
P23/DB3
P22/DB2
P21/DB1
P20/DB0
RESET
P40/INT4
P67/AN7
P66/AN6
PIN CONFIGURATION (TOP VIEW)
Package type : 64P6N-A
64-pin plastic-molded QFP
DESCRIPTION
The 3802 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3802 group is designed for controlling systems that require
analog signal processing and include two serial I/O functions, A-D
converters, and D-A converters.
The various microcomputers in the 3802 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3802 group, re-
fer to the section on group expansion.
FEATURES
• Basic machine-language instructions....................................... 71
• The minimum instruction execution time ............................ 0.5 µs
(at 8 MHz oscillation frequency)
• Memory size
ROM .................................................................. 8 K to 32 K bytes
RAM ................................................................. 384 to 1024 bytes
•Programmable input/output ports ............................................. 56
•Interrupts .................................................. 16 sources, 16 vectors
•Timers ............................................................................. 8 bit ! 4
•Serial I/O1 .................... 8-bit ! 1 (UART or Clock-synchronized)
•Serial I/O2 .................................... 8-bit ! 1 (Clock-synchronized)
•PWM ................................................................................ 8-bit ! 1
•A-D converter .................................................. 8-bit ! 8 channels
•D-A converter .................................................. 8-bit ! 2 channels
•Clock generating circuit ....................... Internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
•Power source voltage ..................................................3.0 to 5.5 V
(Extended operating temperature version : 4.0 to 5.5 V)
•Power dissipation ............................................................... 32 mW
•Memory expansion possible
•Operating temperature range .................................... –20 to 85°C
(Extended operating temperature version : –40 to 85
°C)
APPLICATIONS
Office automation, VCRs, tuners, musical instruments, cameras,
air conditioners, etc.
MITSUBISHI MICROCOMPUTERS
3802 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com