Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3802 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 3802
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3802 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 3802 Datasheet HTML 25Page - Renesas Technology Corp 3802 Datasheet HTML 26Page - Renesas Technology Corp 3802 Datasheet HTML 27Page - Renesas Technology Corp 3802 Datasheet HTML 28Page - Renesas Technology Corp 3802 Datasheet HTML 29Page - Renesas Technology Corp 3802 Datasheet HTML 30Page - Renesas Technology Corp 3802 Datasheet HTML 31Page - Renesas Technology Corp 3802 Datasheet HTML 32Page - Renesas Technology Corp 3802 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
MITSUBISHI MICROCOMPUTERS
3802 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
28
Note. ! : Undefined
V : The initial values of CM1 are determined by the level at the
CNVSS pin.
The contents of all other registers and RAM are undefined
after a reset, so they must be initialized by software.
Register contents
(000116) · · ·
Prescaler X
Port P0 direction register
Port P1 direction register
Port P2 direction register
Port P3 direction register
Port P4 direction register
Port P5 direction register
Port P6 direction register
Serial I/O1 status register
Serial I/O1 control register
Timer X
UART control register
Serial I/O2 control register
Prescaler 12
Timer 1
Timer XY mode register
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(27)
(28)
(29)
(30)
(31)
(000316) · · ·
(000516) · · ·
(000716) · · ·
(000916) · · ·
(000B16) · · ·
(000D16) · · ·
(001916) · · ·
(001A16) · · ·
(001B16) · · ·
(001D16) · · ·
(002016) · · ·
(002116) · · ·
(002216) · · ·
(002316) · · ·
(002416) · · ·
(002516) · · ·
(002616) · · ·
(002716) · · ·
(002B16) · · ·
(003416) · · ·
(003616) · · ·
(003716) · · ·
(003A16) · · ·
(003B16) · · ·
(003C16) · · ·
(003D16) · · ·
(003E16) · · ·
Address
Timer 2
Prescaler Y
Timer Y
PWM control register
AD/DA control register
D-A1 conversion register
D-A2 conversion register
Interrupt edge selection register
CPU mode register
Interrupt request register 1
Interrupt request register 2
Interrupt control register 1
Interrupt control register 2
Processor status register
Program counter
0016
0016
0016
0016
0016
0016
0016
FF16
FF16
FF16
FF16
0016
FF16
0116
0016
0016
0016
11 1 0 0 0
0
0
0016
0016
0016
Contents of address FFFC16
!! ! ! ! 1
!
!
(PS)
(PCH)
(PCL)
Contents of address FFFD16
0016
0016
0016
(003F16) · · ·
10 0 0 0 0
0
0
FF16
00 0 0 1 0
0
0
0016
00 0 0 0 0
0
V
Reset Circuit
To reset the microcomputer, the RESET pin should be held at an
“L” level for 2
µs or more. Then the RESET pin is returned to an “H”
level (the power source voltage should be between 4.0 V and 5.5
V), reset is released. Internal operation begin until after 8 to 13 XIN
clock cycles are completed. After the reset is completed, the pro-
gram starts from the address contained in address FFFD16 (high-
order byte) and address FFFC16 (low-order byte).
Make sure that the reset input voltage is less than 0.6 V for VCC of
3.0 V (Extended operating temperature version : the reset input
voltage is less than 0.8 V for VCC of 4.0 V).
Fig. 27 Internal status of microcomputer after reset
Fig. 26 Example of reset circuit
4.0V
0.8V
0V
0V
VCC
RESET
Power source
voltage
Reset input
voltage
VSS
M51953AL
4
5
1
3
0.1
µ F
3802 group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com