Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4514 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4514
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4514 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4514 Datasheet HTML 42Page - Renesas Technology Corp 4514 Datasheet HTML 43Page - Renesas Technology Corp 4514 Datasheet HTML 44Page - Renesas Technology Corp 4514 Datasheet HTML 45Page - Renesas Technology Corp 4514 Datasheet HTML 46Page - Renesas Technology Corp 4514 Datasheet HTML 47Page - Renesas Technology Corp 4514 Datasheet HTML 48Page - Renesas Technology Corp 4514 Datasheet HTML 49Page - Renesas Technology Corp 4514 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
45
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
VOLTAGE COMPARATOR
The 4513/4514 Group has 2 voltage comparator circuits that
perform comparison of voltage between 2 pins. Table 17 shows
the characteristics of this voltage comparison.
Table 17 Voltage comparator characteristics
Characteristics
2 circuits (CMP0, CMP1)
CMP0-, CMP0+
(also used as AIN0, AIN1)
CMP1-, CMP1+
(also used as AIN2, AIN3)
3.0 V to 5.5 V
0.3 VDD to 0.7 VDD
Typ. 20 mV, Max.100 mV
Max. 20
µs
Parameter
Voltage comparator function
Input pin
Supply voltage
Input voltage
Comparison check error
Response time
Fig. 31 Voltage comparator structure
CMP0–/AIN0
CMP0+/AIN1
–
CMP0
+
CMP1–/AIN2
CMP1+/AIN3
–
CMP1
+
Q33 Q32 Q31 Q30
Register A (4)
TQ3A
TAQ3
Voltage comparator control register Q3 (4)
Note: Bits 0 and 1 of register Q3 can be only read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com