Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4514 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 4514
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4514 Datasheet(HTML) 2 Page - Renesas Technology Corp

  4514 Datasheet HTML 1Page - Renesas Technology Corp 4514 Datasheet HTML 2Page - Renesas Technology Corp 4514 Datasheet HTML 3Page - Renesas Technology Corp 4514 Datasheet HTML 4Page - Renesas Technology Corp 4514 Datasheet HTML 5Page - Renesas Technology Corp 4514 Datasheet HTML 6Page - Renesas Technology Corp 4514 Datasheet HTML 7Page - Renesas Technology Corp 4514 Datasheet HTML 8Page - Renesas Technology Corp 4514 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
DESCRIPTION
The 4513/4514 Group is a 4-bit single-chip microcomputer de-
signed with CMOS technology. Its CPU is that of the 4500 series
using a simple, high-speed instruction set. The computer is
equipped with serial I/O, four 8-bit timers (each timer has a reload
register), and 10-bit A-D converter.
The various microcomputers in the 4513/4514 Group include varia-
tions of the built-in memory type and package as shown in the
table below.
FEATURES
qMinimum instruction execution time ................................ 0.75
µs
(at 4.0 MHz oscillation frequency, in high-speed mode, VDD = 4.0
V to 5.5 V)
qSupply voltage
• Middle-speed mode
...... 2.5 V to 5.5 V (at 4.2 MHz oscillation frequency, for Mask
ROM version and One Time PROM version)
...... 2.0 V to 5.5 V (at 3.0 MHz oscillation frequency, for Mask
ROM version)
(Operation voltage of A-D conversion: 2.7 V to 5.5 V)
• High-speed mode
...... 4.0 V to 5.5 V (at 4.2 MHz oscillation frequency, for Mask
ROM version and One Time PROM version)
...... 2.5 V to 5.5 V (at 2.0 MHz oscillation frequency, for Mask
ROM version and One Time PROM version)
...... 2.0 V to 5.5 V (at 1.5 MHz oscillation frequency, for Mask
ROM version)
(Operation voltage of A-D conversion: 2.7 V to 5.5 V)
qTimers
Timer 1 ...................................... 8-bit timer with a reload register
Timer 2 ...................................... 8-bit timer with a reload register
Timer 3 ...................................... 8-bit timer with a reload register
Timer 4 ...................................... 8-bit timer with a reload register
qInterrupt ........................................................................ 8 sources
qSerial I/O ....................................................................... 8 bit-wide
qA-D converter .................. 10-bit successive comparison method
qVoltage comparator ........................................................ 2 circuits
qWatchdog timer ................................................................. 16 bits
qVoltage drop detection circuit
qClock generating circuit (ceramic resonator)
qLED drive directly enabled (port D)
APPLICATION
Electrical household appliance, consumer electronic products, of-
fice automation equipment, etc.
Note: shipped in blank
Product
M34513M2-XXXSP/FP
M34513M4-XXXSP/FP
M34513E4SP/FP (Note)
M34513M6-XXXFP
M34513M8-XXXFP
M34513E8FP (Note)
M34514M6-XXXFP
M34514M8-XXXFP
M34514E8FP (Note)
ROM type
Mask ROM
Mask ROM
One Time PROM
Mask ROM
Mask ROM
One Time PROM
Mask ROM
Mask ROM
One Time PROM
Package
SP: 32P4B FP: 32P6U-A
SP: 32P4B FP: 32P6U-A
SP: 32P4B FP: 32P6U-A
32P6U-A
32P6U-A
32P6U-A
42P2R-A
42P2R-A
42P2R-A
RAM size
(✕ 4 bits)
128 words
256 words
256 words
384 words
384 words
384 words
384 words
384 words
384 words
ROM (PROM) size
(✕ 10 bits)
2048 words
4096 words
4096 words
6144 words
8192 words
8192 words
6144 words
8192 words
8192 words
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com